Part Number Hot Search : 
MSK4362U AGB3307 OP177GSZ C1740S KR120 TL502 MX805A UPD3777
Product Description
Full Text Search
 

To Download MC100LVEL91 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Triple PECL to ECL Translator
The MC100LVEL/EL91 is a triple PECL to ECL translator. The MC100LVEL91 receives low voltage PECL signals and translates them to differential ECL output signals. The MC100EL91 receives standard voltage PECL signals and translates them to differential ECL output signals.
MC100LVEL91 MC100EL91
* * * * * *
MC100LVEL91 Supports Low Voltage Operation MC100LVEL91 Has 620ps Typical Propagation Delays MC100EL91 Supports Standard Voltage Operation MC100EL91 Has 670ps Typical Propagation Delays Fully Differential Design 20-lead SOIC Packaging
DW SUFFIX 20-LEAD PLASTIC SOIC WIDE PACKAGE CASE 751D-04
A VBB output is provided for interfacing with single ended PECL signals at the input. If a single ended input is to be used the VBB output should be connected to the D input. The active signal would then drive the D input. When used the VBB output should be bypassed to ground via a 0.01F capacitor. The VBB output is designed to act as the switching reference for the EL/LVEL91 under single ended input switching conditions, as a result this pin can only source/sink up to 0.5mA of current. To accomplish the level translation the EL/LVEL91 requires three power rails. The VCC supply should be connected to the positive supply, and the VEE pin should be connected to the negative power supply. The GND pins are connected to the system ground plain. Both VEE and VCC should be bypassed to ground via 0.01F capacitors. Under open input conditions, the D input will be biased at VCC/2 and the D input will be pulled to GND. This condition will force the Q output to a low, ensuring stability.
PIN NAMES
Pins Dn Qn PECL_VBB Function PECL/LVPECL Inputs ECL/LVECL Outputs PECL Reference Voltage Output
VCC 20 ECL
Q0 19
Q0 18
GND 17 ECL
Q1 16
Q1 15
GND 14 ECL
Q2 13
Q2 12
VCC 11
PECL
PECL
PECL
1 VCC
2 D0
3 D0
4 PECL_VBB
5 D1
6 D1
7 PECL_VBB
8 D2
9 D2
10 VEE
Figure 1. 20-Lead Pinout (Top View) and Logic Diagram
8/97
(c) Motorola, Inc. 1997
4-1
REV 1
MC100LVEL91 MC100EL91
LVPECL INPUT DC CHARACTERISTICS
-40C Symbol VCC IIH IIL VIH VIL VBB Characteristic Power Supply Voltage Input HIGH Current Input LOW Current Input HIGH Voltage (Note 1.) Input LOW Voltage (Note 1.) Reference Output (Note 1.) 0.5 2.135 1.49 1.92 2.420 1.825 2.04 10 Min 3.0 Max 3.6 150 0.5 2.135 1.49 1.92 2.420 1.825 2.04 10 Min 3.0 0C Max 3.6 150 0.5 2.135 1.49 1.92 6.0 2.420 1.825 2.04 10 Min 3.0 25C Typ 3.3 Max 3.6 150 0.5 2.135 1.49 1.92 2.420 1.825 2.04 10 85C Min 3.0 Max 3.6 150 Unit V A A V V V mA VCC = 3.3V VCC = 3.3V VCC = 3.3V Condition
IGND Power Supply Curremt 1. DC levels vary 1:1 with VCC.
PECL INPUT DC CHARACTERISTICS
-40C Symbol VCC IIH IIL VIH VIL VBB Characteristic Power Supply Voltage Input HIGH Current Input LOW Current Input HIGH Voltage (Note 2.) Input LOW Voltage (Note 2.) Reference Output (Note 2.) 0.5 3.835 3.19 3.62 4.120 3.525 3.74 11 Min 4.75 Max 5.25 150 0.5 3.835 3.19 3.62 4.12 3.525 3.74 11 Min 4.75 0C Max 5.25 150 0.5 3.835 3.19 3.62 6.0 4.12 3.525 3.74 11 Min 4.75 25C Typ 5.0 Max 5.25 150 0.5 3.835 3.19 3.62 4.120 3.525 3.75 11 85C Min 4.75 Max 5.25 150 Unit V A A V V V mA VCC = 5.0V VCC = 5.0V VCC = 5.0V Condition
IGND Power Supply Curremt 2. DC levels vary 1:1 with VCC.
ECL/LVECL OUTPUT DC CHARACTERISTICS
-40C Symbol VEE VOH VOL IEE Characteristic Power Supply EL91 Voltage LVEL91 Output HIGH Voltage Output LOW Volrage Power Supply EL91 Current LVEL91 Min -4.2 -3.0
-1085 -1830
0C Min -4.2 -3.0
-1025 -1810
25C Max -5.5 -3.8
-880
85C Max -5.5 -3.8
-880 -1620
Max -5.5 -3.8
-880 -1555
Min -4.2 -3.0
-1025 -1810
Typ -4.5 -3.3
-955 -1705
Min -4.2 -3.0
-1025 -1810
Max -5.5 -3.8
-880 -1620
Unit V mV mV mA
Condition
-1620
28 27
28 27
22 21
28 27
30 29
MOTOROLA
4-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVEL91 MC100EL91
MC100LVEL91 AC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = 3.0V to 3.6V)
-40C Symbol tPLH tPHL tSKEW Characteristic Propagation Delay D to Q Diff S.E. Min 490 440 Typ 590 590 40 25 200 200 Max 690 740 100 200 Min 510 460 0C Typ 610 610 40 25 200 Max 710 760 100 200 Min 520 470 25C Typ 620 620 40 25 200 Max 720 770 100 200 Min 560 510 85C Typ 660 660 40 25 mV V 1.3 1.5 320 400
VCC-0.2 VCC-0.2
Max 760 810 100 200
Unit ps ps
Skew Output-to-Output (Note 3.) Part-to-Part (Diff) (Note 3.) Duty Cycle (Diff) (Note 4.) Minimum Input Swing (Note 5.) Common Mode Range (Note 6.) VPP < 500mV VPP 500mV Output Rise/Fall Times Q (20% - 80%)
VPP VCMR
1.2 1.4 320 400
VCC-0.2 VCC-0.2
1.2 1.4 320 400
VCC-0.2 VCC-0.2
1.2 1.4 320 400
VCC-0.2 VCC-0.2
tr tf 3. 4. 5. 6.
580
580
580
580
ps
Skews are valid across specified voltage range, part-to-part skew is for a given temperature. Duty cycle skew is the difference between a TPLH and TPHL propagation delay through a device. Minimum input swing for which AC parameters guaranteed. The device has a DC gain of 40. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V.
MC100EL91 AC CHARACTERISTICS (VEE = -4.20V to -5.5V; VCC = 4.75V to 5.25V)
-40C Symbol tPLH tPHL tSKEW Characteristic Propagation Delay D to Q (Note 11.) Diff S.E. Skew Output-to-Output (Note 7.) Part-to-Part (Diff) (Note 7.) Duty Cycle (Diff) (Note 8.) Minimum Input Swing (Note 9.) Common Mode Range (Note 10.) VPP < 500mV VPP 500mV Output Rise/Fall Times Q (20% - 80%) 200 Min 540 490 Typ 640 640 40 25 200 Max 740 790 100 200 Min 560 510 0C Typ 660 660 40 25 200 Max 760 810 100 200 Min 570 520 25C Typ 670 670 40 25 200 Max 770 820 100 200 Min 610 560 85C Typ 710 710 40 25 mV V 1.3 1.5 320 400
VCC-0.2 VCC-0.2
Max 810 860
Unit ps
ps 100 200
VPP VCMR
1.2 1.4 320 400
VCC-0.2 VCC-0.2
1.2 1.4 320 400
VCC-0.2 VCC-0.2
1.2 1.4 320 400
VCC-0.2 VCC-0.2
tr tf
580
580
580
580
ps
7. Skews are valid across specified voltage range, part-to-part skew is for a given temperature. 8. Duty cycle skew is the difference between a TPLH and TPHL propagation delay through a device. 9. Minimum input swing for which AC parameters guaranteed. The device has a DC gain of 40. 10. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. 11. The MC100EL91 design has different propagation delays compared to the MC100LVEL91 due to differences in the translation structure.
ECLinPS and ECLinPS Lite DL140 -- Rev 3
4-3
MOTOROLA
MC100LVEL91 MC100EL91
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E
-A -
20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0 7 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0 7 0.395 0.415 0.010 0.029
-B -
1 10
P 10 PL 0.010 (0.25)
M
B
M
D
20 PL
J
M
0.010 (0.25)
T
A
S
B
S
F R X 45 C -T G
18 PL SEATING - PLANE
K
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MOTOROLA 4-4
MC100LVEL91/D ECLinPS and ECLinPS Lite DL140 -- Rev 3


▲Up To Search▲   

 
Price & Availability of MC100LVEL91

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X